Part Number Hot Search : 
7454D 2SA19 IDTVS512 GC4213 AD8630 2SB493 405C31KM 12001
Product Description
Full Text Search
 

To Download 3-28-109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Attenuators 18 - 325 GHz
Features
q q q
3(WG) 109 Series
V2.00
Low and High Power Full Waveguide Bandwidths Minimum VSWR
Description
This series of attenuators provides an inexpensive method of making measurements in fixed frequency laboratory or production test set-ups. Fixed attenuators are generally designed into a system at a given frequency for a specific purpose such as detector protection. These units consist of a section of waveguide into which a fixed resistive vane is inserted.
Mechanical Specifications
Waveguide WR-42 WR-28 68-001 WR-22 67B-006 WR-19 67B-007 WR-15 67B-008 WR-12 67B-009 WR-10 67B-010 WR-08 74-001 Pin Contact 1.50 (38.1) WR-06 74-002 Pin Contact 1.50 (38.1) WR-05 74-003 Pin Contact 1.50 (38.1) WR-04 74-004 Pin Contact 1.50 (38.1) WR-03 74-005 Pin Contact 1.50 (38.1) RF Mating Flange 54-001-M MIL-F-3922/ UG Reference Dim (Max.) Inch (mm) A 595/U 3.50 (88.9)
599/U 3.00 (76.2)
383/U 3.00 (76.2)
383/U-M 3.00 (76.2)
385/U 2.00 (50.8)
387/U 2.00 (50.8)
387/U-M 2.00 (50.8)
Specifications
Waveguide WR-42 WR-28 WR-22 WR-19 WR-15 WR-12 WR-10 WR-08 WR-06 WR-05 WR-04 WR-03 Frequency (GHz) 18-26.5 26.5-40 33-50 40-60 50-75 60-90 75-110 90-140 110-170 140-220 170-260 220-325 VSWR (Max.) 1.15 1.15 1.15 1.15 1.15 1.15 1.15 1.17 1.19 1.21 1.25 1.30 Power (W) 0.70 0.60 0.60 0.50 0.40 0.40 0.30 0.10 0.08 0.05 0.03 0.01 Part Number 3-42-109 3-28-109 3-22-109 3-19-109 3-15-109 3-12-109 3-10-109 3-08-109 3-06-109 3-05-109 3-04-109 3-03-109
Notes: 1. When ordering, specify center frequency and attenuation value in 1 dB steps to 30 dB max. Contact factory for high-power options
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of 3-28-109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X